Part Number Hot Search : 
BJ12A AM29L LB1661 RP0015 BA6295F 90814 MAX6225 CM7019
Product Description
Full Text Search
 

To Download NRSS682M63VX11TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, NEW REDUCED CASE SIZING (FURTHER REDUCED FROM NRSA SERIES) EXPANDED TAPING AVAILABILITY
NRSS Series
(today's standard)
NRSA
(reduced sizes)
NRSS
includes all homogeneous materials *See Part Number System for Details
6.3 ~ 100 VDC 10 ~ 10,000F -40 ~ +85C + 20% 0.03CV or 4A , whichever is greater 0.01CV or 3A , whichever is greater 100 63 50 35 25 16 10 6.3 W.V. (Vdc) 125 79 63 44 32 20 13 8 S.V. (Vdc) 0.28 0.24 0.20 0.16 0.14 0.12 0.10 0.08 C < 1,000F 0.30 0.26 0.22 0.18 0.16 0.14 C = 2,200F 0.32 0.28 0.24 0.20 0.18 0.18 C = 3,300F 0.34 0.30 0.26 0.22 0.20 C = 4,700F 0.36 0.32 0.28 0.24 C = 6,800F 0.38 0.34 0.30 C = 10,000F 2 2 2 2 2 3 4 5 Z-25C/Z+20C 4 4 4 4 5 8 10 12 Z-40C/Z+20C Within +20% of initial measured value Capacitance Change Less than 200% of specified maximum value Tan Less than specified maximum value Leakage Current Within +20% of initial measured value Capacitance Change Less than 200% of specified maximum value Tan Less than specified maximum value Leakage Current
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance After 1 min. Max. Leakage Current @ (20oC) After 2 min.
Max. Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz
Load Life Test at Rated W.V. 85C 2,000 Hours
Shelf Life Test 85C 1,000 Hours No Load
PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85OC)


MAXIMUM E.S.R. ( AT 120HZ AND 20OC)















RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz)
~ 47F 100 ~ 470F 1000F ~
50
0.75 0.80 0.85
120
1.00 1.00 1.00
300
1.35 1.23 1.10
1K
1.57 1.34 1.13
10K
2.00 1.50 1.15
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
47
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

NRSS Series










LEAD SPACING AND DIAMETER (mm)
Case Dia. (D)
Leads Dia. (d) Lead Spacing (F) Dim.
DIMENSIONS (mm)
16
0.8 7.5 0.5
5
0.5 2.0 0.5
6.3
0.5 2.5 0.5
8
0.6 3.5 0.5
10
0.6 5.0 0.5
12.5
0.6 5.0 0.5
18
0.8 7.5 0.5
22
0.8 10 1.0
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
= L < 20mm = 1.5mm, L > 20mm = 2.0mm
L + max.
15mm Min.
4mm Min.
D
PART NUMBERING SYSTEM
NRSS 101 M 35V 6.3X11 TR
RoHS Compliant Tape and Reel* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
F
Series
*see tape specification for details
(R)
48
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSS682M63VX11TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X